|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY DC56-11GWA GREEN Features 0.56 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. TWO DIGIT PACKAGE SIMPLIFIESALIGNMENTS & ASSEMBLY. I.C. COMPATIBLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT. Description The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. Package Dimensions & Internal Circuit Diagram Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice. SPEC NO: DSAA5879 APPROVED: J. Lu REV NO: V.7 CHECKED: Joe Lee DATE: APR/23/2005 DRAWN: Y.W.WANG PAGE: 1 OF 3 ERP:1302000356 Selection Guide Part No. Dice Lens Type Iv (ucd) @ 10mA Min. DC56-11GWA GREEN (GaP) WHITE DIFFUSED 1900 Typ. 10500 Common Cathode, Rt. Hand Decimal. Description Electrical / Optical Characteristics at TA=25C Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Green Green Green Green Green Green Typ. 565 568 30 15 2.2 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V Absolute Maximum Ratings at TA=25C Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature Lead Solder Temperature [2] Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 5mm below package base. Green 105 25 140 5 -40C To +85C 260C For 5 Seconds Units mW mA mA V SPEC NO: DSAA5879 APPROVED: J. Lu REV NO: V.7 CHECKED: Joe Lee DATE: APR/23/2005 DRAWN: Y.W.WANG PAGE: 2 OF 3 ERP:1302000356 Green DC56-11GWA Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. SPEC NO: DSAA5879 APPROVED: J. Lu REV NO: V.7 CHECKED: Joe Lee DATE: APR/23/2005 DRAWN: Y.W.WANG PAGE: 3 OF 3 ERP:1302000356 |
Price & Availability of DC56-11GWA |